Part Number Hot Search : 
SGP30 F10A40 RT9288A LHV43 UN2115Q G1V22C 10052031 MAX31913
Product Description
Full Text Search
 

To Download SDR0602 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ro VER LEA H S SI D F CO ON RE M SA E PL R IA E NT
Features
Available in E12 series Unit height of 2.2 mm Current up to 1.5 A High Q level Lead free version available (see How to
Applications
Input/output of DC/DC converters Power supplies for: * Portable communication equipment * Camcorders * LCD TVs * Car radios
Order)
Lead free versions are RoHS compliant*
SDR0602 Series - SMD High Power Inductor
Electrical Specifications
Inductance 1kHz Bourns Part No. (H) Tol. % Q Ref. Test Frequency (MHz) SRF Min. (MHz) I rms Max. (A) I sat Typ. (A)
RDC ()
SDR0602-2R7M_ SDR0602-3R9M_ SDR0602-4R7M_ SDR0602-5R6M_ SDR0602-6R8M_ SDR0602-8R2M_ SDR0602-100M_ SDR0602-120M_ SDR0602-150M_ SDR0602-180M_ SDR0602-220M_ SDR0602-270M_ SDR0602-330K_ SDR0602-390K_ SDR0602-470K_ SDR0602-560K_ SDR0602-680K_ SDR0602-820K_ SDR0602-101K_ SDR0602-121K_ SDR0602-151K_ SDR0602-181K_ SDR0602-221K_ SDR0602-271K_ SDR0602-331K_ SDR0602-391K_ SDR0602-471K_ SDR0602-561K_
2.7 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560
20 20 20 20 20 20 20 20 20 20 20 20 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
20 20 20 18 18 15 50 45 45 45 45 40 35 32 30 30 27 27 50 50 60 55 55 55 55 55 55 55
7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796
40 40 35 30 28 27 25 21 20 18 16 15 12 12 11 10 9 8 7 6 6 5 5 4 4 3 3 3
0.12 0.13 0.15 0.17 0.18 0.20 0.24 0.26 0.28 0.30 0.40 0.45 0.50 0.65 0.68 0.78 0.85 1.30 1.52 1.65 2.00 2.30 2.50 2.85 3.80 4.20 5.00 6.20
1.50 1.40 1.30 1.20 1.15 1.10 1.00 0.90 0.80 0.75 0.70 0.65 0.60 0.55 0.50 0.45 0.40 0.35 0.32 0.30 0.26 0.23 0.20 0.18 0.16 0.15 0.14 0.12
2.10 1.90 1.80 1.60 1.55 1.43 1.32 1.17 1.10 1.07 0.90 0.83 0.73 0.68 0.62 0.57 0.52 0.46 0.42 0.38 0.24 0.32 0.29 0.26 0.22 0.20 0.18 0.14
General Specifications Test Voltage ....................................1 Volt Reflow Soldering .....260 C, 50 sec max. Operating Temperature ..-40 C to +125 C (Temperature rise included) Storage Temperature ..-40 C to +125 C Packaging.....................800 pcs. per reel Resistance to Soldering Heat ..................................260 C for 5 sec. Materials Core Material...........................Ferrite DQ Wire ............................Enameled Copper Terminal ......................See How to Order Rated Current ...Ind. drop 10 % typ. at Isat Temperature Rise ...40 C max at rated Irms Product Dimensions
5.8 0.2 (.229 .008) 2.2 0.2 (.087 .008)
1.4 TYP. (.055)
1
1.4 TYP. (.055)
2
5.0 0.2 (.196 .008)
4
3
Recommended Layout
6.0 (.236)
Multiple winding possible (up to two windings). How to Order Electrical Schematic
SDR0602 - 100M __
Model Value/Tolerance: from table Termination L = Ag/Ni/Sn Blank = Ag/Ni/SnPb
5.2 (.204)
1.5 (.059)
1
Winding Start
4
Typical Part Marking
4 3
470
1 2
Marking dot between terminal 1 and 4
DIMENSIONS:
MM (INCHES)
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
SDR0602 Series - SMD Power Inductors
Packaging Specifications
178.0 (7.00) DIA.
2.0 0.5 (.079 .020)
16.5 (.650) 13.0 0.5 (.512 .020) DIA. 50.0 (1.969 THICKNESS 0.10 (.004) MAX. EMBOSSED CAVITY
21.0 0.8 (.827 .031)
13.0 0.5 DIA. (.512 .020) 14.0 ( 551) EMBOSSED CARRIER
6.1 (.240)
0.3 (.012)
1.5 (.060) DIA.
END
5.4 (.212)
4 (.157)
1.55 (.061) DIA.
START
12 (.472)
470
470
470
2.5 (.098)
8 (.315)
NO COMPONENT COMPONENTS NO COMPONENT
5.5 (.217)
160 (6.299)
3200 (125.984)
400 (15.748)
USER DIRECTION OF FEED
QTY: 800 PCS. PER REEL
DIMENSIONS:
MM (INCHES)
REV. 02/05 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of SDR0602

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X